PART |
Description |
Maker |
AD7891ACHIPS-2 AD7891ACHIPS-1 AD7891AP-1REEL AD789 |
LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System True Bipolar Input, Single Supply, Parallel, 8-Channel, 12-Bit High Speed Data Acquisition System LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
|
Analog Devices
|
AD7572TQ12 AD7572KP05 AD7572KP12 AD7572KN12 AD7572 |
RELAY REED MINI SIP SPDT-CO 5V LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 Analog to Digital Converter 模数转换 MOSFET Diode-OR Controller; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 12-Bit, 200kSPS Micro Power Sampling Analog-To-Digital Converter 8-SOIC -40 to 85 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C LC2MOS COMPLETE/ HIGH SPEED 12-BIT ADC LC2MOS COMPLETE HIGH SPEED 12-BIT ADC LC2MOS Complete, High Speed 12-Bit ADC LC<SUP>2</SUP>MOS Complete, High Speed 12-Bit ADC
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
HI3050 HI3050JCQ FN3936 |
From old datasheet system Triple 10-Bit 50 MSPS High Speed 3-Channel D/A Converter Triple 10-Bit, 50 MSPS, High Speed, 3-Channel D/A Converter
|
INTERSIL[Intersil Corporation]
|
AD9260 AD9260AS AD9260EB |
16-Bit High Speed Oversampled A/D Converter High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
|
AD[Analog Devices]
|
258652 258654 258653 258657 259706 259695 259697 2 |
White LED 1x/1.5x Charge Pump in UCSP and Thin QFN 2x4-Channel, Simultaneous-Sampling, 14-Bit DAS 标志,液 SIGN-DANGER HIGH. FLAMM.GASES SIGN的高度危险FLAMM.GASES High-Speed, 8-Channel, 8-Bit ADC with Simultaneous Track/Holds and Reference SIGN的高度危险FLAMM.GASES Evaluation Kit for the MAX1562, MAX1562H, MAX1563 标志可燃
|
Linear Technology, Corp. TE Connectivity, Ltd.
|
HCPL0500 HCPL0501 HCPL0530 HCPL0531 HCPL0534 HCPL0 |
Single channel high speed transistor optocoupler. HIGH SPEED TRANSISTOR OPTOCOUPLERS 8-Pin SOIC Single-Channel High Speed Transistor 8-PIN, Output Optocoupler - No Base Connection 8-Pin SOIC Single-Channel High Speed Transistor Output Optocoupler SO8, 1MBIT/S HI SPEED DUAL CHANNEL TRANSISTOR - 1kV/us SO8, 1MBIT/S HI SPEED DUAL CHANNEL TRANSISTOR - 15kV/us 8-Pin SOIC 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler
|
FAIRCHILD[Fairchild Semiconductor]
|
MSM6404A MSM6404VS MSM6404A_MSM6404VS MSM6404 MSM6 |
High speed and high perfomance 4-bit microcontroller From old datasheet system High speed and High performance 4-Bit Microcontroller
|
OKI electronic components OKI[OKI electronic componets]
|
MSM6408 MSM6408-XXXGS-K MSM6408-XXXRS |
High speed and high perfomance 4-bit microcontroller From old datasheet system High speed and High performance 4-Bit Microcontroller
|
OKI electronic components OKI[OKI electronic componets]
|
AD7828 AD7828BQ AD7828BR AD7828BRS AD7828CQ AD7828 |
LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
|
Analog Devices
|
LTC2444 |
(LTC2444 - LTC2449) 24-Bit High Speed 8-/16-Channel ADCs
|
Linear Technology
|
AD5532HS AD5532HSABC |
32-Channel 14-Bit DAC with High-Speed 3-Wire Serial Interface 32-Channel 14-Bit DAC with High Speed 3-Wire Serial Interface
|
Analog Devices, Inc. AD[Analog Devices]
|
74ACT126PW |
CMOS, High-Speed, 8-Bit ADC with 4- or 8-Channel Multiplexer 4位缓冲器/驱动
|
Advanced Micro Devices, Inc.
|